| データシートサーチシステム |
|
54LS156DMQB データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS156DMQB データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 8 page ![]() ’LS156 Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load) From (Input) RL e 2kX Symbol Parameter To (Output) CL e 15 pF CL e 50 pF Units Min Max Min Max tPLH Propagation Delay Time A B C2 G1 28 53 ns Low to High Level Output or G2 to Y tPHL Propagation Delay Time A B C2 G1 33 43 ns High to Low Level Output or G2 to Y tPLH Propagation Delay Time A or B 28 53 ns Low to High Level Output to Y tPHL Propagation Delay Time A or B 33 43 ns High to Low Level Output to Y tPLH Propagation Delay Time C1 28 53 ns Low to High Level Output to Y tPHL Propagation Delay Time C1 34 43 ns High to Low Level Output to Y Logic Diagram TLF6395 – 2 4 |