| データシートサーチシステム |
|
WM8501 データシート(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8501 データシート(HTML) 16 Page - Cirrus Logic |
|
16 / 21 page ![]() WM8501 Production Data w PD, Rev 4.3, February 2013 16 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 17 External Component Diagram In an application where ENABLE is fed directly from VDD rather than a dedicated control line, resistor R3 and capacitor C9 are used on the ENABLE pin to introduce a short delay in the Low to High transition of ENABLE. This will ensure the pin goes high after power supplies have had time to settle (see “ENABLE Operation” in the “Hardware Control Modes” section of the datasheet). However, if the ENABLE signal is being provided from an external controller chip rather than VDD directly, R3 and C9 will not be required. |