データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST485ECD データシート(PDF) 12 Page - STMicroelectronics

部品番号 ST485ECD
部品情報  ±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ECD データシート(HTML) 12 Page - STMicroelectronics

Back Button ST485ECD Datasheet HTML 5Page - STMicroelectronics ST485ECD Datasheet HTML 6Page - STMicroelectronics ST485ECD Datasheet HTML 7Page - STMicroelectronics ST485ECD Datasheet HTML 8Page - STMicroelectronics ST485ECD Datasheet HTML 9Page - STMicroelectronics ST485ECD Datasheet HTML 10Page - STMicroelectronics ST485ECD Datasheet HTML 11Page - STMicroelectronics ST485ECD Datasheet HTML 12Page - STMicroelectronics ST485ECD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ST485E
12/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
8.1
8.5
0.319
0.335
Bo
5.5
5.9
0.216
0.232
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13