| データシートサーチシステム |
|
M0519LE3AE データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M0519LE3AE データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 69 page ![]() M0519 Nov. 02, 2016 Page 21 of 69 Rev 1.02 Pin Number Pin Name Pin Type [1] Description 100- pin 64-pin 48-pin 71 44 33 P8.1 I/O General purpose digital I/O pin OP0_N AI OP Amplifier 0 negative input 70 43 32 P8.2 I/O General purpose digital I/O pin OP0_O AO OP Amplifier 0 output 85 - - P8.3 I/O General purpose digital I/O pin ACMP0_N AI Analog comparator negative input pin 84 - - P8.4 I/O General purpose digital I/O pin ACMP0_P AI Analog comparator positive input pin 91 - - P8.5 I/O General purpose digital I/O pin 59 - - P8.6 I/O General purpose digital I/O pin 58 - - P8.7 I/O General purpose digital I/O pin ACMP0_O O Analog comparator output pin 86 57 45 P9.0 I/O General purpose digital I/O pin OP1_O AO OP Amplifier 1 output 87 58 46 P9.1 I/O General purpose digital I/O pin OP1_N AI OP Amplifier 1 negative input 88 59 47 P9.2 I/O General purpose digital I/O pin OP1_P AI OP Amplifier 1 positive input 92 - - P9.3 I/O General purpose digital I/O pin PWM1_BRAKE1 I Brake input pin 1 of PWM Unit 1 98 - - P9.4 I/O General purpose digital I/O pin SPI1_CLK I/O SPI1 serial clock pin 99 - - P9.5 I/O General purpose digital I/O pin SPI1_MISO I/O SPI1 MISO (Master In, Slave Out) pin 100 - - P9.6 I/O General purpose digital I/O pin SPI1_MOSI I/O SPI1 MOSI (Master Out, Slave In) pin 2 - - P9.7 I/O General purpose digital I/O pin SPI1_SS I/O SPI1 slave select pin 13 9 10 PA.0 I/O General purpose digital I/O pin UART1_TXD O Data transmitter output pin for UART1 I2C0_SDA I/O I2C0 data input/output pin 12 8 9 PA.1 I/O General purpose digital I/O pin UART1_RXD I Data Receiver input pin for UART1 |