データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N79E352 データシート(PDF) 21 Page - List of Unclassifed Manufacturers

部品番号 N79E352
部品情報  8-BIT MICROCONTROLLER
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

N79E352 データシート(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button N79E352 Datasheet HTML 17Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 18Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 19Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 20Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 21Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 22Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 23Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 24Page - List of Unclassifed Manufacturers N79E352 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
Preliminary N79E352/N79E352R Data Sheet
Publication Release Date: Jul, 29, 2009
- 21 -
Revision A06
8.2 SFR Detail Bit Descriptions
PORT 0
Bit:
7
6
5
4
3
2
1
0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
Mnemonic: P0
Address: 80h
Port 0 is an open-drain bi-directional I/O port. This port provides a multiplexed low order address/data
bus during accesses to external memory. The ports also support alternate input function for Keyboard
pins (KB0-7).
BIT
NAME
FUNCTION
7
P0.7
AD7 or KB7 or I/O pin by alternative.
6
P0.6
AD6 or KB6 or I/O pin by alternative.
5
P0.5
AD5 or KB5 or I/O pin by alternative.
4
P0.4
AD4 or KB4 or I/O pin by alternative.
3
P0.3
AD3 or KB3 or I/O pin by alternative.
2
P0.2
AD2 or KB2 or I/O pin by alternative.
1
P0.1
AD1 or KB1 or I/O pin by alternative.
0
P0.0
AD0 or KB0 or I/O pin by alternative.
Note: The initial value of the port is set by CONFIG0.PRHI bit. The default setting for CONFIG0.PRHI =1 which the alternative
function output is turned on upon reset. If CONFIG0.PRHI is set to 0, the user has to write a 1 to port SFR to turn on the
alternative function output.
STACK POINTER
Bit:
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
Mnemonic: SP
Address: 81h
BIT
NAME
FUNCTION
7-0
SP.[7:0]
The Stack Pointer stores the Scratch-pad RAM address where the stack begins.
In other words it always points to the top of the stack.
DATA POINTER LOW
Bit:
7
6
5
4
3
2
1
0
DPL.7
DPL.6
DPL.5
DPL.4
DPL.3
DPL.2
DPL.1
DPL.0
Mnemonic: DPL
Address: 82h
BIT
NAME
FUNCTION
7-0
DPL.[7:0]
This is the low byte of the standard 8052 16-bit data pointer.
DATA POINTER HIGH
Bit:
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com