| データシートサーチシステム |
|
XZFABBA10C データシート(PDF) 3 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
XZFABBA10C データシート(HTML) 3 Page - SunLED Corporation |
|
3 / 4 page ![]() Part Number: XZFABBA10C SURFACE MOUNT DISPLAY Oct 11,2016 XDSB1637 V3-Z Layout: Maggie L. P. 3/4 Recommended Soldering Pattern (Units : mm; Tolerance: ±0.15) Tape Specification (Units : mm) Reel Dimension Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |