データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XZFAMYK10C データシート(PDF) 1 Page - SunLED Corporation

部品番号 XZFAMYK10C
部品情報  Low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNLED [SunLED Corporation]
ホームページ  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZFAMYK10C データシート(HTML) 1 Page - SunLED Corporation

  XZFAMYK10C Datasheet HTML 1Page - SunLED Corporation XZFAMYK10C Datasheet HTML 2Page - SunLED Corporation XZFAMYK10C Datasheet HTML 3Page - SunLED Corporation XZFAMYK10C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZFAMYK10C
SURFACE MOUNT DISPLAY
Oct 11,2016
XDSB1633
V4-X
Layout: Maggie L.
P. 1/4
Features
● 0.4 inch digit height
● Robust package
● Low power consumption
● Standard configuration: Gray face w/ white
segments
● Standard Package: 400pcs/ Reel
● MSL (Moisture Sensitivity Level): 2a
● RoHS compliant
Absolute Maximum Ratings
(TA=25°C)
Yellow
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
175
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Package Schematics
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm.
Part
Number
Emitting
Color
Emitting
Material
Wavelength
CIE127-2007*
nm
λP
Description
min.
typ.
XZFAMYK10C
Yellow
AlGaInP
21000
5600*
45990
11990*
590*
Common Cathode,
Rt.Hand Decimal.
Luminous Intensity
CIE127-2007*
(IF=10mA)
ucd
Yellow
(AlGaInP)
Unit
Forward Voltage (Typ.) (IF=10mA)
VF
1.95
V
Forward Voltage (Max.) (IF=10mA)
VF
2.5
V
Reverse Current (Max.) (VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=10mA)
λP
590*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=10mA)
λD
590*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
△λ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


同様の部品番号 - XZFAMYK10C

メーカー部品番号データシート部品情報
logo
SunLED Corporation
XZFAMYK10C2 SUNLED-XZFAMYK10C2 Datasheet
284Kb / 4P
Low power consumption
More results

同様の説明 - XZFAMYK10C

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com