| データシートサーチシステム |
|
AM27C256-150JC データシート(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM27C256-150JC データシート(HTML) 8 Page - Advanced Micro Devices |
|
8 / 12 page ![]() AMD 2-39 Am27C256 ABSOLUTE MAXIMUM RATINGS Storage Temperature OTP Products –65 °C to +125°C . . . . . . . . . . . . . . . All Other Products –65 °C to +150°C . . . . . . . . . . . . Ambient Temperature with Power Applied –55 °C to +125°C . . . . . . . . . . . . . Voltage with Respect To VSS All pins except A9,VPP,VCC (Note 1) –0.6 V to VCC + 0.5 V . . . . . . . . . . . . . . . A9 and VPP (Note 2) –0.6 V to +13.5 V . . . . . . . . . . VCC –0.6 V to +7.0 V . . . . . . . . . . . . . . . . . . . . . . . Notes: 1. Minimum DC voltage on input or I/O pins is –0.5 V. During transitions, the inputs may overshoot VSS to –2.0 V for peri- ods of up to 20 ns. Maximum DC voltage on input andI/O pins is VCC + 0.5 V which may overshoot to VCC + 2.0 V for periods up to 20 ns. 2. For A9 and VPP the minimum DC input is –0.5 V. During transitions, A9 and VPP may overshoot VSS to –2.0 V for periods of up to 20 ns. A9 and VPP must not exceed 13.5 V for any period of time. Stresses above those listed under “Absolute Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the opera- tional sections of this specification is not implied. Exposure of the device to absolute maximum rating conditions for ex- tended periods may affect device reliability. OPERATING RANGES Commercial (C) Devices Ambient Temperature (TA)0 °C to +70°C . . . . . . . Industrial (I) Devices Ambient Temperature (TA) –40 °C to +85°C . . . . . Extended Commercial (E) Devices Ambient Temperature (TA) –55 °C to +125°C . . . . Supply Read Voltages VCC for Am27C256-XX5 +4.75 V to +5.25 V . . . . . VCC for Am27C256-XX0 +4.50 V to +5.50 V . . . . . Operating ranges define those limits between which the func- tionality of the device is guaranteed. |