データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TG080113 データシート(PDF) 3 Page - Taoglas antenna solutions

部品番号 TG080113
部品情報  Monopole Passive Antenna Broadband frequency range for cellular and GNSS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG080113 データシート(HTML) 3 Page - Taoglas antenna solutions

  TG080113 Datasheet HTML 1Page - Taoglas antenna solutions TG080113 Datasheet HTML 2Page - Taoglas antenna solutions TG080113 Datasheet HTML 3Page - Taoglas antenna solutions TG080113 Datasheet HTML 4Page - Taoglas antenna solutions TG080113 Datasheet HTML 5Page - Taoglas antenna solutions TG080113 Datasheet HTML 6Page - Taoglas antenna solutions TG080113 Datasheet HTML 7Page - Taoglas antenna solutions TG080113 Datasheet HTML 8Page - Taoglas antenna solutions TG080113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SPE-14-8-116/D/EW
Page 3 of 26
2. Specification
Parameter
Straight Position
Band
700LTE
GSM
BEIDOU
GPS/
GALILEO
GLONASS
DCS
PCS
UMTS/
HSPA
2700LTE
Frequency (MHz)
703~
803
824~
960
1561
1575.42
1602
1710~
1880
1850~
1990
1920~
2170
2490~
2690
Average Gain
(dBi)
In Free
Space
-9.69
-8.70
-5.77
-5.44
-4.92
-3.84
-3.45
-3.62
-4.39
Efficiency (%)
10.75
13.50
26.48
28.56
32.24
41.40
45.18
43.46
36.73
Peak Gain (dBi)
-6.46
-4.93
-1.42
-1.07
-0.61
-0.02
0.66
0.33
0.36
Return Loss (dB)
< -2
< -3
< -6
< -6
< -10
< -10
< -10
< -8
< 4
Average Gain
(dBi)
With
15x9cm
Ground
-1.72
-4.35
-1.73
-1.67
-1.54
-1.38
-1.33
-1.70
-1.60
Efficiency (%)
67.86
37.27
67.08
68.13
70.22
72.83
73.67
67.77
69.40
Peak Gain (dBi)
1.24
-1.28
1.99
1.98
1.86
2.48
2.79
2.79
3.25
Return Loss (dB)
< -5
< -8
Average Gain
(dBi)
On
30x30cm
Ground
Metal
Edge
-1.75
-2.55
-1.37
-1.34
-1.37
-1.31
-1.31
-1.70
-2.75
Efficiency (%)
66.98
56.27
73.02
73.38
72.97
74.02
74.05
67.83
53.12
Peak Gain (dBi)
1.53
0.13
3.95
3.86
3.82
2.82
3.22
3.20
2.22
Return Loss (dB)
< -5
< -9
Average Gain
(dBi)
On
30x30cm
Ground
Metal
Center
-4.59
-3.46
-2.79
-2.82
-2.89
-2.71
-2.71
-2.94
-2.65
Efficiency (%)
35.71
45.52
52.63
52.25
51.38
53.68
53.56
50.89
54.39
Peak Gain (dBi)
-0.65
0.77
1.98
1.88
1.61
3.16
2.56
2.33
3.26
Return Loss (dB)
< -2
<-4
Bent Position
Average Gain
(dBi)
In Free
Space
-10.74
-10.14
-5.81
-5.48
-4.99
-4.03
-3.71
-4.00
-4.80
Efficiency (%)
8.44
9.70
26.27
28.29
31.68
39.58
42.60
39.93
33.53
Peak Gain (dBi)
-7.22
-5.54
-1.63
-1.29
-0.75
0.06
0.94
0.69
0.46
Return Loss (dB)
< -2
<-3
<-10
<-10
<-10
<-10
<-10
<-8
<-4
Average Gain
(dBi)
With
15x9cm
Ground
-1.72
-4.35
-1.73
-1.67
-1.54
-1.38
-1.33
-1.70
-1.60
Efficiency (%)
67.86
37.27
67.08
68.13
70.22
72.83
73.67
67.77
69.40
Peak Gain (dBi)
1.24
-1.28
1.99
1.98
1.86
2.48
2.79
2.79
3.25
Return Loss (dB)
< -5
<-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com