データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILA08 データシート(PDF) 15 Page - Taoglas antenna solutions

部品番号 ILA08
部品情報  868MHz Embedded Ceramic Loop Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA08 データシート(HTML) 15 Page - Taoglas antenna solutions

Back Button ILA08 Datasheet HTML 11Page - Taoglas antenna solutions ILA08 Datasheet HTML 12Page - Taoglas antenna solutions ILA08 Datasheet HTML 13Page - Taoglas antenna solutions ILA08 Datasheet HTML 14Page - Taoglas antenna solutions ILA08 Datasheet HTML 15Page - Taoglas antenna solutions ILA08 Datasheet HTML 16Page - Taoglas antenna solutions ILA08 Datasheet HTML 17Page - Taoglas antenna solutions ILA08 Datasheet HTML 18Page - Taoglas antenna solutions ILA08 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DSP-15-8- SPE-16-08-050/A/WY
Page 15 of 19
6.2 Matching Circuit
Like all antennas, surrounding components, enclosures, and changes to the GND
plane dimensions can alter performance. A pi-matching network like the one shown
below is required in case adjustments need to be made. The antenna EVB has the
same matching network. The components on the EVB are a good starting point for a
new design, but will need to be adjusted upon integration for best performance. The
zero ohm resistor is needed for the ability to solder down a coax pigtail to make
measurements with a vector network analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19