データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DHF-RAA10-231NB-FA データシート(PDF) 2 Page - DDK Ltd.

部品番号 DHF-RAA10-231NB-FA
部品情報  Half Pitch Low Profile Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DDK [DDK Ltd.]
ホームページ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DHF-RAA10-231NB-FA データシート(HTML) 2 Page - DDK Ltd.

  DHF-RAA10-231NB-FA Datasheet HTML 1Page - DDK Ltd. DHF-RAA10-231NB-FA Datasheet HTML 2Page - DDK Ltd. DHF-RAA10-231NB-FA Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unit:mm
DHF Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
○ I/O Cable Plug Connector (Hood )
Part Number
Number of
Contact
A
B
C
D
E (max.)
DHF-PDA10- □ -A □ 1-FA
10
22.75
10.80
5.08
5.0
23.75
DHF-PDA20- □ -A □ 1-FA
20
29.10
17.15
11.43
5.8
30.10
DHF-PDA10-3-A01-FA
Contact Plating
1 Contact Area: Au(0.76 μ m) over Ni Plating
 Tail Area: Sn-Ag Plating
2 Contact Area: Au(0.25 μ m) over Ni Plating
 Tail Area: Sn-Ag Plating
3 Contact Area: Au(Flash) over Ni Plating
 Tail Area: Sn-Ag Plating
Mating Style
P: Plug Connector
Hood Color
0: Black
1: Beige
2: Gray
3: Dark Grry
Connector Style
DA: I/O Cable Type
Hood Style
A: Plastic Hood Straight (Long Hood)
FA: Lead Free
1: DDK Mark
Number of Contact
10, 20 
※ Please refer the instruction manual as attached with DHF assembly tool set.
※
DHF cable calmp assembly tools are used depend on the number of contact. Please refer to the above table.
DHF Cable Calmp Assembly Tool Set
DHF Cable Clamp Assembly Tool
DHF Cable Clamp Locator
for DHF-PDA10,20 357J-12773
357J-12199
357J-12228-1,-2
for DHF-PDA10
357J-12773-10
357J-12228-1
for DHF-PDA20
357J-12773-20
357J-12228-2
Assembly Tools
8
1
33
Assembly Tool
Part Number
Item
Part Number
DHF-HP □□ -D □□
Assembly Tool Set
357J-12463- □□
□ : Number of Contact
(ex.) 10 contacts
357J-12463-10
DHF-PDA Cable Wiring and Cable Cutting Tool
 357J-12224
DHF Termination Tool
 357J-12198
DHF Cable Clamp Assembly Tool Set
 357J-12773
DHF Cable Clamp Assembly Tool
 357J-12199
DHF Cable Clamp Locator
 357J-12228- □



Html Pages

1 2 3