| データシートサーチシステム |
|
ICS511M データシート(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS511M データシート(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 8 page ![]() LOCOTM PLL Clock Multiplier MDS 511 G 8 Revision 102504 In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com ICS511 Ordering Information “LF” designates Pb (lead) free packaging. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS511M ICS511M Tubes 8-pin SOIC 0 to +70 ° C ICS511MT ICS511M Tape and Reel 8-pin SOIC 0 to +70 ° C ICS511MI ICS511I Tubes 8-pin SOIC -40 to +85 ° C ICS511MIT ICS511I Tape and Reel 8-pin SOIC -40 to +85 ° C ICS511MLF 511MLF Tubes 8-pin SOIC 0 to +70 ° C ICS511MLFT 511MLF Tape and Reel 8-pin SOIC 0 to +70 ° C ICS511MILF 511MILF Tubes 8-pin SOIC -40 to +85 ° C ICS511MILFT 511MILF Tape and Reel 8-pin SOIC -40 to +85 ° C ICS511-DWF - Die on uncut, probed wafers 0 to +70 ° C ICS511-DPK - Tested die in waffle pack 0 to +70 ° C |