| データシートサーチシステム |
|
ICS60101 データシート(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS60101 データシート(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 8 page ![]() LOW PHASE NOISE CLOCK MULTIPLIER MDS 601-01 L 8 Revision 111204 In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com ICS601-01 Ordering Information “L” designates Pb (lead) free package; “I” designates industrial grade. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS601M-01 ICS601M-01 Tubes 16-pin narrow SOIC 0 to 70 ° C ICS601M-01T ICS601M-01 Tape and Reel 16-pin narrow SOIC 0 to 70 ° C ICS601M-01I ICS601M-01I Tubes 16-pin narrow SOIC -40 to 85 ° C ICS601M-01IT ICS601M-01I Tape and Reel 16-pin narrow SOIC -40 to 85 ° C ICS601M-01LF ICS601M-01LF Tubes 16-pin narrow SOIC 0 to 70 ° C ICS601M-01LFT ICS601M-01LF Tape and Reel 16-pin narrow SOIC 0 to 70 ° C ICS601M-01ILF ICS601M01ILF Tubes 16-pin narrow SOIC -40 to 85 ° C ICS601M-01ILFT ICS601M01ILF Tape and Reel 16-pin narrow SOIC -40 to 85 ° C ICS601G-01 601G-01 Tubes 16-pin TSSOP 0 to 70 ° C ICS601G-01T 601G-01 Tape and Reel 16-pin TSSOP 0 to 70 ° C ICS601G-01I 601G-01I Tubes 16-pin TSSOP -40 to 85 ° C ICS601G-01IT 601G-01I Tape and Reel 16-pin TSSOP -40 to 85 ° C ICS601G-01LF 601G01LF Tubes 16-pin TSSOP 0 to 70 ° C ICS601G-01LFT 601G01LF Tape and Reel 16-pin TSSOP 0 to 70 ° C ICS601G-01ILF 601G01IL Tubes 16-pin TSSOP -40 to 85 ° C ICS601G-01ILFT 601G01IL Tape and Reel 16-pin TSSOP -40 to 85 ° C |