| データシートサーチシステム |
|
LMH6715MA/NOPB データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMH6715MA/NOPB データシート(HTML) 13 Page - Texas Instruments |
|
13 / 21 page ![]() LMH6715 www.ti.com SNOSA10C – MAY 2002 – REVISED APRIL 2013 Applications Circuits SINGLE-TO-DIFFERENTIAL LINE DRIVER The LMH6715's well matched AC channel-response allows a single-ended input to be transformed to highly matched push-pull driver. From a 1V single-ended input the circuit of Figure 32 produces 1V differential signal between the two outputs. For larger signals the input voltage divider (R1 = 2R2) is necessary to limit the input voltage on channel 2. Figure 32. Single-to-Differential Line Driver DIFFERENTIAL LINE RECEIVER Figure 33 and Figure 34 show two different implementations of an instrumentation amplifier which convert differential signals to single-ended. Figure 34 allows CMRR adjustment through R2. Figure 33. Differential Line Receiver Figure 34. Differential Line Receiver with CMRR Adjustment Copyright © 2002–2013, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LMH6715 |