| データシートサーチシステム |
|
TMS320DM6431 データシート(PDF) 91 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 データシート(HTML) 91 Page - Texas Instruments |
|
91 / 227 page ![]() 3.7.3.3 Host Block Muxing TMS320DM6431 Digital Media Processor www.ti.com SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 This block of 27 pins consists of EMAC, MDIO, and GPIO muxed pins. The following register field selects the pin functions in the Host Block: • PINMUX1.HOSTBK Table 3-21 summarizes the 27 pins in the Host Block, the multiplexed function on each pin, and the PINMUX configurations to select the corresponding function. Table 3-21. Host Block Muxed Pins Selection MULTIPLEXED FUNCTIONS SIGNAL NAME EMAC/MDIO GPIO FUNCTION SELECT FUNCTION SELECT GP[57] – – GP[57] GP[58] – – GP[58] GP[59] – – GP[59] GP[60] – – GP[60] GP[61] – – GP[61] –(1) GP[62] – – GP[62] GP[63] – – GP[63] GP[64] – – GP[64] GP[65] – – GP[65] GP[66] – – GP[66] MCOL/GP[67] MCOL GP[67] MCRS/GP[68] MCRS GP[68] MTXD3/GP[69] MTXD3 GP[69] MTXD2/GP[70] MTXD2 GP[70] MTXD1/GP[71] MTXD1 GP[71] MTXD0/GP[72] MTXD0 GP[72] MTXCLK/GP[73] MTXCLK GP[73] MRXDV/GP[74] MRXDV GP[74] MTXEN/GP[75] MTXEN HOSTBK = 100 GP[75] HOSTBK = 000 MRXER/GP[76] MRXER GP[76] MRXCLK/GP[77] MRXCLK GP[77] MRXD0/GP[78] MRXD0 GP[78] MRXD1/GP[79] MRXD1 GP[79] MRXD2/GP[80] MRXD2 GP[80] MDCLK/GP[81] MDCLK GP[81] MRXD3/GP[82] MRXD3 GP[82] MDIO/GP[83] MDIO GP[83] (1) GP[66:57] are standalone pins. They are not muxed with any other functions, but they are included in this table because they are grouped in the Host Block. Submit Documentation Feedback Device Configurations 91 |