データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDT10P258 データシート(PDF) 2 Page - Micon Design Technology Corporation

部品番号 MDT10P258
部品情報  8-bit micro-controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MDTIC [Micon Design Technology Corporation]
ホームページ  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P258 データシート(HTML) 2 Page - Micon Design Technology Corporation

  MDT10P258 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P258 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MDT10P258
This specification are subject to be changed without notice. Please visit our web-site for the latest information
http://www.mdtic.com.tw
P.2
2010/09
Ver. 1.0
4. Pin Assignment
MDT10P258P11
MDT10P258S11
PA2 1
18 PA1
PA3 2
17 PA0
RTCC 3
16 OSC1
/MCLR 4
15 OSC2
Vss 5
14 Vdd
PB0 6
13 PB7
PB1 7
12 PB6
PB2 8
11 PB5
PB3 9
10 PB4
MDT10P258SS11
PA2 1
20 PA1
PA3 2
19 PA0
RTCC 3
18 OSC1
/MCLR 4
17 OSC2
VSS 5
16 VDD
VSS 6
15 VDD
PB0 7
14 PB7
PB1 8
13 PB6
PB2 9
12 PB5
PB3 10
11 PB4
5. Order Information
MARK
ROM
(Words)
RAM
(Bytes)
I/O
Timer
(8 bit)
Package
Mil
MDT10P258P11
2K
73
12
1
18-DIP
300 mil
MDT10P258S11
2K
73
12
1
18-SOP
300 mil
MDT10P258SS11
2K
73
12
1
20-SSOP
209 mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17