データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NDD260 データシート(PDF) 1 Page - Naina Semiconductor ltd.

部品番号 NDD260
部品情報  Diode-Diode Module, 260 Amps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NAINA [Naina Semiconductor ltd.]
ホームページ  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NDD260 データシート(HTML) 1 Page - Naina Semiconductor ltd.

  NDD260 Datasheet HTML 1Page - Naina Semiconductor ltd. NDD260 Datasheet HTML 2Page - Naina Semiconductor ltd. NDD260 Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Naina Semiconductor Ltd.
NDD260
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Diode-Diode Module, 260 Amps
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Voltage Ratings (TA = 25oC, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
VRSM, Maximum non-
repetitive peak reverse
voltage
(V)
VDRM, Maximum
repetitive peak off-
state voltage
(V)
IRRM, Maximum
reverse leakage
current @ TJMAX
(mA)
60
600
700
600
80
800
900
800
100
1000
1100
1000
NDD260
120
1200
1300
1200
max. 10
140
1400
1500
1400
160
1600
1700
1600
180
1800
1900
1800
Electrical Characteristics (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Maximum average forward current @ TJ = 850C
IF(AV)
260
A
Maximum average RMS forward current
IF(RMS)
408
A
Maximum non-repetitive surge current
IFSM
11000
A
Maximum I2t for fusing
I2t
605000
A2s
Forward voltage drop
VFM
max. 1.25
V
Isolation voltage
VISO
3000
V
Thermal & Mechanical Specifications (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Operating junction temperature range
TJ
-40 to +130
0C
Storage temperature
Tstg
-40 to +130
0C
Thermal resistance, junction to case
Rth(JC)
0.14
0C/W
Mounting torque
to heatsink
F
5 ± 15%
Nm
to terminals
8 ± 15%
Weight
W
620
g


同様の部品番号 - NDD260

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
NDD26 NAINA-NDD26 Datasheet
219Kb / 3P
Diode-Diode Module, 31 Amps
NDD26A NAINA-NDD26A Datasheet
172Kb / 3P
Diode-Diode Module, 31 Amps
More results

同様の説明 - NDD260

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
NDD26A NAINA-NDD26A Datasheet
172Kb / 3P
Diode-Diode Module, 31 Amps
NDD46A NAINA-NDD46A Datasheet
180Kb / 3P
Diode-Diode Module, 47 Amps
NDD81B NAINA-NDD81B Datasheet
174Kb / 3P
Diode-Diode Module, 82 Amps
NDD132C NAINA-NDD132C Datasheet
211Kb / 3P
Diode-Diode Module, 130 Amps
NDD162C NAINA-NDD162C Datasheet
203Kb / 3P
Diode-Diode Module, 195 Amps
NDD212C NAINA-NDD212C Datasheet
202Kb / 3P
Diode-Diode Module, 212 Amps
NDD81 NAINA-NDD81 Datasheet
216Kb / 3P
Diode-Diode Module, 82 Amps
NDD100 NAINA-NDD100 Datasheet
215Kb / 3P
Diode-Diode Module, 100 Amps
NDD132 NAINA-NDD132 Datasheet
213Kb / 3P
Diode-Diode Module, 130 Amps
NDD212 NAINA-NDD212 Datasheet
205Kb / 3P
Diode-Diode Module, 212 Amps
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com