データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP3892 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LP3892
部品情報  1.5A Fast-Response Ultra Low Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3892 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3892 Datasheet HTML 4Page - National Semiconductor (TI) LP3892 Datasheet HTML 5Page - National Semiconductor (TI) LP3892 Datasheet HTML 6Page - National Semiconductor (TI) LP3892 Datasheet HTML 7Page - National Semiconductor (TI) LP3892 Datasheet HTML 8Page - National Semiconductor (TI) LP3892 Datasheet HTML 9Page - National Semiconductor (TI) LP3892 Datasheet HTML 10Page - National Semiconductor (TI) LP3892 Datasheet HTML 11Page - National Semiconductor (TI) LP3892 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Hints (Continued)
As shown in the graph below, increasing the copper area
beyond 1 square inch produces very little improvement. The
minimum value for
θ
JA for the TO-263 package mounted to a
PCB is 32˚C/W.
Figure 2 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
20069626
FIGURE 2. Maximum power dissipation vs ambient
temperature for TO-263 package
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12