| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 267 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 267 Page - Mitsubishi Electric Semiconductor |
|
267 / 274 page ![]() Appendix Standard Serial I/O Mode 2 (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 267 Baud Rate 19200 This command changes baud rate to 19,200 bps. Execute it as follows. (1) Transfer the "B116" command code with the 1st byte. (2) After the "B116" check code is output with the 2nd byte, change the baud rate to 19,200 bps. Figure 1.29.40. Timing of baud rate 19200 Baud Rate 38400 This command changes baud rate to 38,400 bps. Execute it as follows. (1) Transfer the "B216" command code with the 1st byte. (2) After the "B216" check code is output with the 2nd byte, change the baud rate to 38,400 bps. Figure 1.29.41. Timing of baud rate 38400 Baud Rate 57600 This command changes baud rate to 57,600 bps. Execute it as follows. (1) Transfer the "B316" command code with the 1st byte. (2) After the "B316" check code is output with the 2nd byte, change the baud rate to 57,600 bps. Figure 1.29.42. Timing of baud rate 57600 RxD1 TxD1 B116 (M16C reception data) (M16C transmit data) B116 RxD1 TxD1 B316 (M16C reception data) (M16C transmit data) B316 RxD1 TxD1 B216 (M16C reception data) (M16C transmit data) B216 |