| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 269 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 269 Page - Mitsubishi Electric Semiconductor |
|
269 / 274 page ![]() Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 269 Differences between M16C/62A and M16C/62 Item M16C/62A M16C/62 Serial I/O EPROM / one time PROM version Have IIC bus mode Memory area Memory expansion 1.2 Mbytes mode 4 Mbytes mode 1 Mbyte fixed No CTS/RTS separate function CTS/RTS separate function Analog or digital delay is selected as SDA delay Only analog delay is selected as SDA delay None Flash memory version Clock synchronized only Standard serial I/O mode (clock asynchronized ) is supported Address M16C/62A M16C/62 000516 Register name b5,b4 Reserved bits b5,b4 Memory area expansion bits Processor mode register 1 (PM1) 000B16 Reserved register Have Data bank register (DBR) 03B016 b6 Reserved bit b6 CTS/RTS separation bit UART transmit/receive register 2 (UCON) 037516 Have None UART2 special mode register 3 (U2SMR3) 037716 b7 SDA digital delay select bit b7 Reserved bit UART2 special mode register (U2SMR) Differences in SFR between M16C/62A and M16C/62 |