| データシートサーチシステム |
|
RT9428WSC データシート(PDF) 3 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9428WSC データシート(HTML) 3 Page - Richtek Technology Corporation |
|
3 / 14 page ![]() RT9428 3 DS9428-01 October 2014 www.richtek.com © Copyright 2014 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Function Block Diagram Operation 12-bit ADC Analog-to-Digital Converter. It converts the voltage input from VBAT pin to target value. Battery OCV Model Parameters for battery characteristics. Voltaic Gauge Algorithm The RT9428 calculates and determines that the embedded Fuel Gauge calculates and determines the Li+ battery SOC according to battery voltage only. The algorithm estimates the increasing or decreasing SOC by an iteration model according to the difference between battery voltage and the battery OCV. The dynamic voltaic information can effectively emulate the Li+ battery behavior and determines the SOC (%), but can't report capacity (mAh). Controller The controller takes care of the control flow of system routine, ADC measurement flow, algorithm calculation and alert determined. I 2C Interface The fuel gauge registers can be accessed through the I 2C Interface. I 2 C Interface SDA GND SCL Controller Voltaic Gauge Algorithm Battery OCV Model ALERT 12-bit ADC VBAT VDD QS TEST |