データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M2018SS4 データシート(PDF) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 M2018SS4
部品情報  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2018SS4 データシート(HTML) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2018SS4 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 22Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 23Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 24Page - Nihon Kaiheiki Industry Co. Ltd. M2018SS4 Datasheet HTML 25Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Series M
Angle PC Mount Miniature Toggles
A72
A
www.nkkswitches.com
External connection must be
made during field installation.
The SP3T model utilizes a
double pole base.
External connection must be
made during field installation.
The DP3T model utilizes a
four pole base.
(out)
(out)
(out)
(out)
(out)
(out)
External
Conn
Common
(in)
Common
(in)
1
2
4
7
10
12
96
3
5
8
11
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
POLES & CIRCUITS
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
ON
NONE
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
M2023
ON
OFF
ON
M2025
ON
NONE
(ON)
M2028
(ON)
OFF
(ON)
M2029
ON
OFF
(ON)
3P
M2032
ON
NONE
ON
2-3 5-6
8-9
OPEN
2-1 5-4
8-7
3PDT
M2033
ON
OFF
ON
M2035
ON
NONE
(ON)
M2038
(ON)
OFF
(ON)
M2039
ON
OFF
(ON)
4P
M2042
ON
NONE
ON
2-3 5-6
8-9 11-12
OPEN
2-1 5-4
8-7 11-10
4PDT
M2043
ON
OFF
ON
M2045
ON
NONE
(ON)
M2048
(ON)
OFF
(ON)
M2049
ON
OFF
(ON)
Note: Terminal numbers are not actually on
the switch.
* Reverse circuits available for vertical
mount SP & DP upon request.
*
*
*
*
Keyway
Keyway
2 (COM)
1
3
11
10
12
7
9
4
6
1
3
2
58
(COM)
2
5
(COM)
8
31
64 97
4
6
1
3
25
(COM)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
For 3 Throw (3-On)
Connected Terminals & Schematics
Pole Model Down Center Up
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
DP
M2044
M2046
M2047
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
2-3 5-6
2-3 5-4
2-1 5-4
8-9 11-12
8-9 11-10
8-7 11-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com