データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTE1559 データシート(PDF) 1 Page - NTE Electronics

部品番号 NTE1559
部品情報  Integrated Circuit FM IF Amp, Demod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NTE [NTE Electronics]
ホームページ  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1559 データシート(HTML) 1 Page - NTE Electronics

  NTE1559 Datasheet HTML 1Page - NTE Electronics NTE1559 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1559
Integrated Circuit
FM IF Amp, Demod
Functions:
D FM IF Amplifier
D Quadrature Detector
D Audio Amplifier
D Muting Circuit
D Signal–Meter Driver
D AFC
D Center–Meter Driver
D Muting Controller (Bandwidth & Level)
D Center–Meter Short Circuit for AM Band (Pin15)
D IF Amp Killer for AM Band (Pin15)
Features:
D High Signal–to–Noise Ratio
D High Sensitivity
D Large Muting Attenuation
D Stable Operation using Full–Balanced
Differential
D Triplex Amplifier
D High Linearity of Signal Meter
D Operational Input Level of Muting is Adjustable
by Controlling External Resistance
Absolute Maximum Ratings:
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PT
590mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 13V, fc = 10.7MHz, fm = 400Hz, f = 75kHz dev.
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Operating Current
ICCmax
Vin = 100dBµ, 2V supplied to Pin5,
+150kHz detuned
30.5
39.3
mA
Limiting Sensitivity
Vin(lim)
Input level lower by 3dB than (Vo(AF) under
100dB
µ of input voltage)
33
37
dB
µ
Recovered AF Voltage
Vo(AF)
Vin = 100dBµ
280
380
510
mV
Total Harmonic Distortion
THD
Vin = 100dBµ
0.01
0.08
%
Signal–to–Noise Ratio
S/N
Vin = 100dBµ
83
88
dB
AM Rejection
AMR
Vin = 100dBµ, fm = 1kHz, MOD = 30%
45
60
dB
Muting Attenuation
Mute(ATT) (Output Voltage under 100dBµ if Vin and with
Pin5 Open) = 0dB, 2V fed to Pin5 via 12k
83
100
dB


同様の部品番号 - NTE1559

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
Integrated Circuit TV Sync Signal Processor
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
Integrated Circuit VIR Signal Processor for Color TV
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
Integrated Circuit FM/AM IF System
NTE1558 NTE-NTE1558 Datasheet
75Kb / 2P
Integrated Circuit
More results

同様の説明 - NTE1559

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
Integrated Circuit FM IF TV Amp
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
Integrated Circuit FM/AM IF Amp
NTE1072 NTE-NTE1072 Datasheet
17Kb / 1P
Integrated Circuit FM-AM IF Amp & AF Amp
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp & FM Detector
NTE1488 NTE-NTE1488 Datasheet
25Kb / 3P
Integrated Circuit FM IF Amp, Demod w/Muting, Center Meter and Signal Meter
NTE1578 NTE-NTE1578 Datasheet
21Kb / 2P
Integrated Circuit FM Mixer/IF Amp
NTE736 NTE-NTE736 Datasheet
79Kb / 3P
Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
Integrated Circuit FM IF Amp
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
Integrated Circuit FM IF Amp
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com