| データシートサーチシステム |
|
PI7C7300A データシート(PDF) 39 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C7300A データシート(HTML) 39 Page - Pericom Semiconductor Corporation |
|
39 / 109 page ![]() PI7C7300A 3-PORT PCI-TO-PCI BRIDGE ADVANCE INFORMATION Page 39 OF 109 09/25/03 Revision 1.09 ! Target response has been received but has not progressed to the head of the return queue. ! The delayed transaction queue is full, and the transaction cannot be queued. ! A transaction with the same address and command has been queued. ! A locked sequence is being propagated across PI7C7300A, and the write transaction is not a locked transaction. ! The target bus is locked and the write transaction is a locked transaction. ! Use more than 16 clocks to accept this transaction. For delayed read transactions: ! The transaction is being entered into the delayed transaction queue. ! The read request has already been queued, but read data is not yet available. ! Data has been read from target, but it is not yet at head of the read data queue or a posted write transaction precedes it. ! The delayed transaction queue is full, and the transaction cannot be queued. ! A delayed read request with the same address and bus command has already been queued. ! A locked sequence is being propagated across PI7C7300A, and the read transaction is not a locked transaction. ! PI7C7300A is currently discarding previously pre-fetched read data. ! The target bus is locked and the write transaction is a locked transaction. ! Use more than 16 clocks to accept this transaction. For posted write transactions: ! The posted write data buffer does not have enough space for address and at least one DWORD of write data. ! A locked sequence is being propagated across PI7C7300A, and the write transaction is not a locked transaction. When a target retry is returned to the initiator of a delayed transaction, the initiator must repeat the transaction with the same address and bus command as well as the data if it is a write transaction, within the time frame specified by the master timeout value. Otherwise, the transaction is discarded from the buffers. 4.9.4.2 TARGET DISCONNECT |