| データシートサーチシステム |
|
RT5021 データシート(PDF) 3 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT5021 データシート(HTML) 3 Page - Richtek Technology Corporation |
|
3 / 67 page ![]() RT5021 3 DS5021-01 April 2013 www.richtek.com Copyright 2013 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. © Ordering Information Note : Richtek products are : RoHS compliant and compatible with the current require- ments of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. Applications DSC Power Supply System CMOS-Sensor DV Portable Instruments Pin Configurations (TOP VIEW) WQFN-40L 5x5 WAKE LX1 PVD6 VO6 LX7 FB7 PVD7 PVD1 VP PVD2 FB3 SCL VO8 FB2 VO2 LX2A LX2B TS 1 2 3 4 5 6 7 8 9 10 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 31 32 33 34 35 36 37 38 39 40 41 GND CHG2 CHG Marking Information RT5021 Package Type QW : WQFN-40L 5x5 (W-Type) Lead Plating System G : Green (Halogen Free and Pb Free) RT5021 GQW YMDNN RT5021GQW : Product Number YMDNN : Date Code |