| データシートサーチシステム |
|
TAS5101IDAPR データシート(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5101IDAPR データシート(HTML) 12 Page - Texas Instruments |
|
12 / 14 page ![]() TAS5101 SLES039 – JUNE 2002 12 www.ti.com APPLICATION INFORMATION TAS5101 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Snubber Circuit Error Reporting Snubber Circuit PWM_AP PWM_AM ERR1 ERR0 SHUTDOWN DVDD DVSS DVSS DVSS VRFILT BIAS_A BIAS_B HiZ RESET PWM_BM PWM_BP PVDDA2 LDROUTA BOOTSTRAPA PVDDA1 PVDDA1 OUTPUTA OUTPUTA PVSS PVSS OUTPUTB OUTPUTB PVDDB1 PVDDB1 BOOTSTRAPB LDROUTB PVDDB2 L1 L2 R1 R2 C9 C8 C7 C5 C6 RESET PWM_AM PWM_AP VALID_L C10 26.5 V 26.5 V PWM_BP PWM_BM C1 C2 C4 C3 26.5 V TAS5010 NOTE: C1, C2 = 1.0 µF C3, C4 = 470 µF C5, C8 = 0.033 µF C6, C7 = 0.1 µF C9, C10 = 0.1 µF C11, C12 = 0.1 µF R1, R2 = 13 k Ω R3, R4 =4.7 k Ω L1, L2 = 10 µH C11 R3 R4 Figure 4. Typical TAS5101 Application (One Channel Shown) See the application note, TI literature number SLEA001 for detailed application information. |