データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL32 データシート(PDF) 13 Page - List of Unclassifed Manufacturers

部品番号 TL32
部品情報  Real Time System Testing MIT 16.070 Lecture 32
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

TL32 データシート(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TL32 Datasheet HTML 9Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 10Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 11Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 12Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 13Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 14Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 15Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 16Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
hperry
5/4/01
Fault Tolerance - Checking Hardware Resources
How can a processor check its own status?
•
Built-In-Test (BIT)
– Ongoing diagnostics of the hardware that runs the software
– Interface checks
•
CPU testing (done in the background)
•
Memory testing
– Checking for memory corruption due to vibration, power surges,
electrostatic discharge, single event upsets, etc.
– Use error detection & recovery schemes (CRC, Hamming Code)
•
Watchdog Timers
– Counting registers used to ensure that devices are still on line
– CPU resets the timer at regular intervals. Timer overflow indicates
a problem with the CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31