| データシートサーチシステム |
|
TNETX3150A データシート(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150A データシート(HTML) 45 Page - Texas Instruments |
|
45 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 45 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION register spaces/external devices accessible through the TNETX15AE (continued) Figure 12 shows the various register spaces provided by and accessed through the TNETX15AE. Address High DIO MII I/F EEPROM I/F SRAM I/F Address Low Data Data Auto- Increment SIO RAM Addr RAM Data SRAM (External) Serial EEPROM MII/PHYs TNETX15AE Access Registers Internal DIO Registers Figure 12. Register Spaces Provided and Accessed Through the TNETX15AE DIO interface The DIO interface is asynchronous to allow easy adaptation to a range of microprocessor devices and computer system interfaces. The DIO interface is designed to operate from the same bus as the TNETX3150/TNETX3150A/TNETX3100 DIO interface. Thus, both devices are accessed using the same DIO read and write routines. Each device is selected for DIO reads and writes through independent chip-select signals. Chip select for the TNETX3150/TNETX3150A/TNETX3100 is named SCS, while chip select for the TNETX15AE is named ESCS. Figure 13 shows how the TNETX15AE and the TNETX3150/TNETX3150A/TNETX3100 share the DIO interface. Microprocessor TNETX3150/TNETX3150A/ TNETX3100 EINT TNETX15AE SDATA7–SDATA0 SAD1–SAD0 SRNW SRDY ESCS SCS Figure 13. DIO Interface Bus |