データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCET4600 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TCET4600
部品情報  Optocoupler, Phototransistor Output, AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET4600 データシート(HTML) 2 Page - Vishay Siliconix

  TCET4600 Datasheet HTML 1Page - Vishay Siliconix TCET4600 Datasheet HTML 2Page - Vishay Siliconix TCET4600 Datasheet HTML 3Page - Vishay Siliconix TCET4600 Datasheet HTML 4Page - Vishay Siliconix TCET4600 Datasheet HTML 5Page - Vishay Siliconix TCET4600 Datasheet HTML 6Page - Vishay Siliconix TCET4600 Datasheet HTML 7Page - Vishay Siliconix TCET4600 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83726
2
Rev. 1.6, 10-Dec-10
TCET2600, TCET4600
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input (Dual, Quad Channel)
Notes
(1) Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
(2) Refer to wave profile for soldering conditions for through hole devices.
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
Isolation test voltage (RMS)
t = 1 s
VISO
5300
VRMS
Isolation voltage
VIORM
890
VP
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
- 55 to + 100
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Soldering temperature (2)
2 mm from case, t
≤ 10 s
Tsld
260
°C
ABSOLUTE MAXIMUM RATINGS (1) (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
ELECTRICAL CHARACTERISTCS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT
Collector emitter voltage
IC = 100 μA
VCEO
70
V
Emitter collector voltage
IE = 100 μA
VECO
7V
Collector dark current
VCE = 20 V, IF = 0 A,
E = 0
ICEO
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100
Ω
fc
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = ± 5 mA
CTR
20
300
%



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com