データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S89210 データシート(PDF) 8 Page - Seiko Instruments Inc

部品番号 S89210
部品情報  MINI ANALOG SERIES CMOS COMPARATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S89210 データシート(HTML) 8 Page - Seiko Instruments Inc

Back Button S89210 Datasheet HTML 4Page - Seiko Instruments Inc S89210 Datasheet HTML 5Page - Seiko Instruments Inc S89210 Datasheet HTML 6Page - Seiko Instruments Inc S89210 Datasheet HTML 7Page - Seiko Instruments Inc S89210 Datasheet HTML 8Page - Seiko Instruments Inc S89210 Datasheet HTML 9Page - Seiko Instruments Inc S89210 Datasheet HTML 10Page - Seiko Instruments Inc S89210 Datasheet HTML 11Page - Seiko Instruments Inc S89210 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
S-89210/89220 Series
Rev.4.0_01
8
3. VDD = 1.8 V
Table 9
DC Electrical Characteristic (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Current consumption
IDD
S-89210 Series
50
120
μA
5
S-89220 Series
10
30
μA
5
Input offset voltage
VIO
−4
±3
+4
mV
1
Input offset current
IIO
1
pA
Input bias current
IBIAS
1
pA
Common-mode input voltage
range
VCMR
0
1.1
V
2
Maximum output swing
voltage
VOH
IOH = 20
μA
1.5
V
3
VOL
IOL = 20
μA
0.01
V
4
Common-mode input signal
rejection ratio
CMRR
60
70
dB
2
Power supply voltage
rejection ratio
PSRR
60
70
dB
1
Source current
ISOURCE VOUT = 0 V
S-89210 Series
100
μA
6
S-89220 Series
20
μA
6
Sink current
ISINK
VOUT = 0.5 V
5
mA
7
Table 10
AC Electrical Characteristic (VDD = 1.8 V)
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Rise propagation delay time
tPLH
Overdrive = 100 mV
CL = 15 pF
(Refer to Figure 11)
S-89210 Series
20
μs
S-89220 Series
100
μs
Fall propagation delay time
tPHL
S-89210 Series
5
μs
S-89220 Series
25
μs
Rise response time
tTLH
S-89210 Series
1.2
μs
S-89220 Series
6
μs
Fall response time
tTHL
S-89210 Series
1.2
μs
S-89220 Series
6
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com