| データシートサーチシステム |
|
WM8602SEDS/RV データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8602SEDS/RV データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 46 page ![]() Product Preview WM8602 w PP Rev 1.5 May 2004 3 PIN CONFIGURATION ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE LEVEL SENSITIVITY PEAK SOLDERING TEMPERATURE WM8602SEDS/V -25 to + 85 °C 28-pin SSOP (lead free) MSL1 260°C WM8602SEDS/RV -25 to + 85 °C 28-pin SSOP (lead free, tape and reel) MSL1 260°C |