| データシートサーチシステム |
|
WM8803CDT データシート(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8803CDT データシート(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 45 page ![]() WM8803 Product Preview w PP Rev 1.1 September 2003 4 PIN DESCRIPTION PIN NAME TYPE DESCRIPTION 1 XOUT Analogue Output Oscillation amplifier circuit output pin 2 ERROR Digital Output PLL lock error and data error output pin 3 PD 5 Digital Input System reset and low power mode control input pin (5V tolerant) 4 NC Digital Input Non connection 5 CE 5 Digital Input Micro-controller interface: chip enable input pin (5V tolerant) 6 CL 5 Digital Input Micro-controller interface: serial clock input pin (5V tolerant) 7 DI 5 Digital Input Micro-controller interface: write data input pin (5V tolerant) 8 DO Digital Output Micro-controller interface: read data output pin 9 E / INT Digital Output Pre-emphasis detection or micro-controller interface interrupt output pin 10 AUDIO Digital Output Channel status bit 1 non-PCM data detection output pin 11 UGPI Digital Output User general purpose interface output pin 1 12 RXIN 5 Digital Input Digital data input pin (5V tolerant) 13 DVDD Supply Digital system power supply 14 AVDD Supply Analog system power supply 15 LPF Analogue Output PLL loop filter connection pin 16 NC No connection 17 AGND Supply Analog system ground 18 DGND Supply Digital system ground 19 CLKOUT Digital Output System clock output pin 2 20 BCLK Digital Output 64fs clock output pin 21 LRCLK Digital Output Fs clock output pin 3 22 SDATO Digital Output Demodulated data output pin 23 SDIN Digital Input Serial digital data input pin (5V tolerant) 24 XIN Digital Input Oscillation amplifier element connection or external clock input pin Notes: 1. Micro-controller register output or clock switching transition period signal. 2. 128fs, 256fs, 384fs, 512fs, or oscillator amplifier outputs 3. Other than I 2S mode; Low: right channel, High: left channel I 2S mode; Low: left channel, High: right channel 4. I/O voltage handling: I or O pins: –0.3 to +3.6V, except annotated pins: –0.3 to +5.5V 5. To prevent logic circuit latch-up, all power supply levels must be applied or removed simultaneously. |