| データシートサーチシステム |
|
WM8972L データシート(PDF) 46 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8972L データシート(HTML) 46 Page - Wolfson Microelectronics plc |
|
46 / 49 page ![]() WM8972L Preliminary Technical Data w PTD Rev 2.2 June 2004 46 MINIMISING POP NOISE AT THE ANALOGUE OUTPUTS To minimise any pop or click noise when the system is powered up or down, the following procedures are recommended. POWER UP • Switch on power supplies. By default the WM8972L is in Standby Mode, the DAC is digitally muted and the Audio Interface, Line outputs and Headphone outputs are all OFF (DACMU = 1 Power Management registers 1 and 2 are all zeros). • Enable Vmid and VREF, then wait for time TBD • Enable DAC as required • Enable line and / or headphone output buffers as required. • Set DACMU = 0 to soft-un-mute the audio DAC. POWER DOWN • Set DACMU = 1 to soft-mute the audio DAC. • Disable all output buffers, then wait for time TBD. • Switch off the power supplies. POWER MANAGEMENT EXAMPLES OPERATION MODE POWER MANAGEMENT (1) POWER MANAGEMENT (2) ADC DAC Output Buffers O2+ O2- MO Line-in Record 1 1 1 0 0 0 0 0 Mono Microphone Record 1 1 1 1 0 0 0 0 Microphone to mono out 1 1 0 1 0 0 0 1 Speaker Phone Call [OUTINV = 1] 1 1 0 1 0 1 1 1 Record Phone Call [L channel = mic with boost, R channel = RX, enable mono mix] 1 1 1 1 0 0 0 1 Table 37 Register Settings for Power Management |