データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAS9138 データシート(PDF) 7 Page - Micro Analog systems

部品番号 MAS9138
部品情報  ASYNCHRONOUS TO SYNCHRONOUS CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAS [Micro Analog systems]
ホームページ  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9138 データシート(HTML) 7 Page - Micro Analog systems

Back Button MAS9138 Datasheet HTML 2Page - Micro Analog systems MAS9138 Datasheet HTML 3Page - Micro Analog systems MAS9138 Datasheet HTML 4Page - Micro Analog systems MAS9138 Datasheet HTML 5Page - Micro Analog systems MAS9138 Datasheet HTML 6Page - Micro Analog systems MAS9138 Datasheet HTML 7Page - Micro Analog systems MAS9138 Datasheet HTML 8Page - Micro Analog systems MAS9138 Datasheet HTML 9Page - Micro Analog systems MAS9138 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 (10)
DA9138.005
12 April, 2006
APPLICATION INFORMATION
Synchronous modem with asynchronous interface
The MAS9138 is intended for applications where an asynchronous and synchronous data source must be linked
together. A typical case appears in a data modem where the terminal interface of the modem has been specified to
be asynchronous but the modem data pump operates in a synchronous fashion.
MAS9138
TXD
RXD
TDI
RDO
INTERFACE
RS232C
MODEM CIRCUITS
PHONE LINE
TDO
TXC
RDI
RXC
Synchronous serial interface with uP interface
Another application is a synchronous serial interface for uP which uses UART as a data source. The concept is
illustrated below.
MAS9138
TTL/V.28
UART
uP-INTERFACE
RDI
TDO
TxD
RxD
RxC
TxC
RS-232-C
V.24



Html Pages

1 2 3 4 5 6 7 8 9 10