| データシートサーチシステム |
|
XC9510CSR データシート(PDF) 3 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC9510CSR データシート(HTML) 3 Page - Torex Semiconductor |
|
3 / 9 page ![]() Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector Preliminary ! PACKAGING INFORMATION $ SOP-8 ! BLOCK DIAGRAM * Diodes shown in the above circuits are protective diodes. ! ABSOLUTE MAXIMUM RATINGS Ta=25 OC (*1) IOUT = Pd / (VIN - VOUT) when PC board mounting. (*2) Package power dissipation 650 Pd Topr - 40 ~ + 85 VDD Pin Voltage DCOUT Pin Voltage VROUT Pin Voltage VDOUT - 0.3 ~ VDD + 0.3 VDOUT Pin Voltage XC9510 Series PARAMETER Storage Temperature Range LX Pin Voltage Continuous Power Dissipation (*1) Operating Temperature Range CE/MODE Pin Voltage SOP-8 V Tstg mW OC - 0.3 ~ VDD + 0.3 V - 55 ~ + 125 OC SYMBOL RATINGS UNITS AVDD - 0.3 ~ 6.5 V V - 0.3 ~ VDD + 0.3 V VROUT - 0.3 ~ VDD + 0.3 V DCOUT LX CE/MODE - 0.3 ~ VDD + 0.3 Semiconductor Ltd. + - Vref with soft start PWM/PFM Controller Phase Compensation + - logic Buffer, Driver Current Limit & Feedback Ra mp Wave Generator, OSC DCOUT VDD - + U.V.L.O. LX VROUT AGND + - Current Li mi t Vref PGND CE/MODE ON/OFF& MODE CONTROL ea c h circuit + - VDOUT Vref SENSE (VDD or DCOUT or VROUT) Data Sheet 3 |