データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES521 データシート(PDF) 3 Page - Winbond

部品番号 ES521
部品情報  Winbond ES521 Evaluation System User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ES521 データシート(HTML) 3 Page - Winbond

  ES521 Datasheet HTML 1Page - Winbond ES521 Datasheet HTML 2Page - Winbond ES521 Datasheet HTML 3Page - Winbond ES521 Datasheet HTML 4Page - Winbond ES521 Datasheet HTML 5Page - Winbond ES521 Datasheet HTML 6Page - Winbond ES521 Datasheet HTML 7Page - Winbond ES521 Datasheet HTML 8Page - Winbond ES521 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Preliminary
Introduction:
The ES521 evaluation system allows testing of all features of the chip and visually shows the
signal flow through the chip.
Writing to three 16-bit configuration registers sets up the signal flow. An active path is highlighted
in blue while the gray arrows show possible but not currently active paths.
The main application window allows playback and record of analog audio as well as setting up
the configuration registers.
There are three ways to set the configuration registers,
•
Change the controls on the main window until the desired signal flow is highlighted in
blue.
•
Type in values in the configuration register boxes in the top left window, the signal flow
will be updated to show the current signal path.
•
Select a path from the Path menu.
The various play and record buttons allow playback and record either from a supplied address or
the current location of the address pointer. Pressing the ‘Read Status’ button retrieves the
address pointer.
The program also supports reading and writing digital data by selecting the ‘Digital’ menu in the
menu bar.
Content of the ES521 evaluation kit:
The evaluation system package contains an Evaluation Board (batteries included) and a CD
ROM with the following items:
•
User’s Guide
•
Self installing application software
•
Data sheets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15