データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTA1663 データシート(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 KTA1663
部品情報  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KTA1663 データシート(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KTA1663 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd KTA1663 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.400
0.580
0.016
0.023
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
e1
L
0.900
1.200
0.035
0.047
Symbol
Dimensions In Millimeters
Dimensions In Inches
1.550 REF.
0.061 REF.
1.500 TYP.
0.060 TYP.
3.000 TYP.
0.118 TYP.
SOT-89-3L Package Outline Dimensions
SOT-89-3L Suggested Pad Layout
www.cj-elec.com
3
D,Nov,2015
E



Html Pages

1 2 3 4