| データシートサーチシステム |
|
DSP56F801 データシート(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56F801 データシート(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 4 page ![]() Overview The main purpose of a power supply is to provide clean and stable power to a load, regardless of power grid conditions. The SMPS has been widely used in office equipment, computers, communication systems and other applications because of its high efficiency and high energy density. Vref SCI Voltage Regulator Current Regulator AN0 PWM AN1 AN2 56F801 Vsynch Shunt AC110V or AC220V Q1 L1 If Vf C1 GND1 D1 T1 T4 T2 T3 PWM1 Vref SCI SCI Voltage Regulator 56F8323 AN1 Current Regulator AN0 GND2 If Vf V- L3 GND2 D5 D4 D3 D2 C3 C2 V+ L2 EXAMPLE DIGITAL SMPS Key Benefits > Power applications become more flexible and universal > High input power factor lowers power pollution to the power grid > Intelligent mode management and fault supervision > Operating status can be monitored and controlled in real time > Lower system and maintenance cost Building Control Digital Switched-Mode Power Supply (SMPS) |
同様の部品番号 - DSP56F801 |
|
同様の説明 - DSP56F801 |