| データシートサーチシステム |
|
RT5509WSC データシート(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT5509WSC データシート(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 58 page ![]() RT5509 Copyright © 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation www.richtek.com DS5509-00 August 2017 2 Pin Configuration (TOP VIEW) INT DATAO LRCK1 DAI1 BCK1 RST DGND DATAI DGND DAI2 LRCK2 DGND PGND PGND AGND VSPOUTN PGND VSPOUTP NC1 DGND DGND TSTA2 TSTA1 BCK2 DGND DGND DGND BGND LX SDA ADS1 AGND ADS2 BGND LX SCL VBAT AGND DVDD BGND LX PVDD PVDD PVDD NC2 VBST VBST VBST A6 B6 C6 D6 E6 F6 G6 A4 B4 C4 D4 E4 F4 G4 A3 B3 C3 D3 E3 F3 G3 A2 B2 C2 D2 E2 F2 G2 A1 B1 C1 D1 E1 F1 G1 B5 C5 D5 E5 F5 G5 A7 B7 C7 D7 E7 F7 G7 WL-CSP-48B 3.04x2.99 (BSC) Functional Pin Description Pin No. Pin Name Type Pin Function A1 LRCK1 I I2S word select 1. A2 DAI1 I I2S data input 1. A3 DATAO O I2S data output. A4 INT O Interrupt output. A6 VSPOUTN O Class-D inverting output. A7 PVDD P Class-D supply voltage. B1 BCK1 I I2S Bit clock 1. B2 DGND G Digital / Analog ground. B3 DATAI I I2S data input 3. B4 RST I Reset input. B5 PGND G Power ground. B6 PGND G Power ground. B7 PVDD P Class-D supply voltage. C1 DAI2 I I2S data input 2. C2 DGND G Digital ground. C3 DGND G Digital ground. C4 TSTA2 O Test output 2 / short to GND. C5 PGND G Power ground. C6 VSPOUTP O Class-D non-inverting output. C7 PVDD P Class-D supply voltage. D1 LRCK2 I I2S word select 2. |