データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL9000 データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 HCPL9000
部品情報  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL9000 データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Applications Information
Power Consumption
The HCPL-90xx and HCPL-09xx
CMOS digital isolators achieves
low power consumption from the
manner by which they transmit
data across isolation barrier. By
detecting the edge transitions of
the input logic signal and con-
verting this to a narrow current
pulse, which drives the isolation
barrier, the isolator then latches
the input logic state in the output
latch. Since the current pulses
are narrow, about 2.5 ns wide, the
power consumption is indepen-
dent of mark-to-space ratio and
solely dependent on frequency.
The approximate power supply
current per channel is:
I(Input) = 40(f/fmax)(1/4) mA
where f = operating frequency,
fmax = 50 MHz.
Signal Status on Start-up and
Shut Down
To minimize power dissipation,
the input signals to the channels
of HCPL-90xx and HCPL-09xx
digital isolators are differenti-
ated and then latched on the
output side of the isolation
barrier to reconstruct the signal.
This could result in an ambigu-
ous output state depending on
power up, shutdown and power
loss sequencing. Therefore, the
designer should consider the
inclusion of an initialization
signal in this start-up circuit.
Bypassing and PC Board Layout
The HCPL-90xx and HCPL-09xx
digital isolators are extremely
easy to use. No external interface
circuitry is required because the
isolators use high-speed CMOS IC
technology allowing CMOS logic
to be connected directly to the
inputs and outputs. As shown in
Figure 1, the only external
components required for proper
operation are two 47 nF ceramic
capacitors for decoupling the
power supplies. For each capaci-
tor, the total lead length between
both ends of the capacitor and the
power-supply pins should not
exceed 20 mm. Figure 2 illustrates
the recommended printed circuit
board layout for the HCPL-9000
or HCPL-0900. For data rates in
excess of 10MBd, use of ground
planes for both GND
1 and GND2 is
highly recommended.
Figure 1. Functional Diagram of Single Channel HCPL-0900 or HCPL-0900.
1
2
3
45
6
7
8
VDD1
IN1
C1
C2
Note: C1, C2 = 47 nF ceramic capacitors
NC
GND1
VDD2
OUT1
GND2
VOE
Figure 2. Recommended Printed Circuit Board Layout.
C2
VDD2
OUT1
GND2
VDD1
GND1
IN1
C1
VOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com