| データシートサーチシステム |
|
AD9953ASV データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9953ASV データシート(HTML) 4 Page - Analog Devices |
|
4 / 42 page ![]() PRELIMINARY TECHNICAL DATA AD9953 REV. PrB 1/30/03 Page 4 Analog Devices, Inc. AD9953 PRELIMINARY ELECTRICAL SPECIFICATIONS (Unless otherwise noted: (VS=+1.8 V ±5%, RSET=1.96 kΩ, External reference clock frequency = 20 MHz with REFCLK Multiplier enabled at 20 ×) Parameter Temp Test Level AD9953 Min Typ Max Units REF CLOCK INPUT CHARACTERISTICS Frequency Range REFCLK Multiplier Disabled FULL VI 1 400 MHz REFCLK Multiplier Enabled at 4X FULL VI 20 100 MHz REFCLK Multiplier Enabled at 20X FULL VI 4 20 MHz Input Capacitance +25°C V 3 pF Input Impedance +25°C V 100 M Ω Duty Cycle +25°C V 50 % Duty Cycle with REFCLK Multiplier Enabled +25°C V 35 65 % DAC OUTPUT CHARACTERISTICS Resolution 14 Bits Full Scale Output Current +25°C 5 10 15 mA Gain Error +25°C I -10 +10 %FS Output Offset +25°C I 0.6 µA Differential Nonlinearity +25°C V 1 LSB Integral Nonlinearity +25°C V 2 LSB Output Capacitance +25°C V 5 pF Residual Phase Noise @ 1 kHz Offset, 40 MHz Aout REFCLK Multiplier Enabled @ 20 × +25°C V -89 dBc/Hz REFCLK Multiplier Enabled @ 4 × +25°C V -105 dBc/Hz REFCLK Multiplier Disabled +25°C V -116 dBc/Hz Voltage Compliance Range +25°C I AVDD- 0.375 AVDD + 0.25V V Wideband SFDR: 1 – 20 MHz Analog Out +25°C V dBc 20 – 40 MHz Analog Out +25°C V dBc 40 – 60 MHz Analog Out +25°C V dBc 60 – 80 MHz Analog Out +25°C V dBc 80 – 100 MHz Analog Out +25°C V dBc 100 – 120 MHz Analog Out +25°C V dBc 120 – 140 MHz Analog Out +25°C V dBc 140 – 160 MHz Analog Out +25°C V dBc Narrow Band SFDR 10 MHz Analog Out (±1 MHz) +25°C V dBc 10 MHz Analog Out (±250 kHz) +25°C V dBc 10 MHz Analog Out (± 50 kHz) +25°C V dBc 10 MHz Analog Out (± 10 kHz) +25°C V dBc 65 MHz Analog Out (± 1 MHz) +25°C V dBc 65 MHz Analog Out (± 250 kHz) +25°C V dBc 65 MHz Analog Out (± 50 kHz) +25°C V dBc 65 MHz Analog Out (± 10 kHz) +25°C V dBc 80 MHz Analog Out (± 1 MHz) +25°C V dBc 80 MHz Analog Out (± 250 kHz) +25°C V dBc 80 MHz Analog Out (± 50 kHz) +25°C V dBc 80 MHz Analog Out (± 10 kHz) +25°C V dBc 100 MHz Analog Out (± 1 MHz) +25°C V dBc 100 MHz Analog Out (± 250 kHz) +25°C V dBc 100 MHz Analog Out (± 50 kHz) +25°C V dBc 100 MHz Analog Out (± 10 kHz) +25°C V dBc 120 MHz Analog Out (± 1 MHz) +25°C V dBc 120 MHz Analog Out (± 250 kHz) +25°C V dBc 120 MHz Analog Out (± 50 kHz) +25°C V dBc 120 MHz Analog Out (± 10 kHz) +25°C V dBc 140 MHz Analog Out (± 1 MHz) +25°C V dBc 140 MHz Analog Out (± 250 kHz) +25°C V dBc 140 MHz Analog Out (± 50 kHz) +25°C V dBc 140 MHz Analog Out (± 10 kHz) +25°C V dBc 160 MHz Analog Out (± 1 MHz) +25°C V dBc 160 MHz Analog Out (± 250 kHz) +25°C V dBc |