データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCMP563 データシート(PDF) 7 Page - Analog Devices

部品番号 ADCMP563
部品情報  Dual High Speed ECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADCMP563 データシート(HTML) 7 Page - Analog Devices

Back Button ADCMP563 Datasheet HTML 3Page - Analog Devices ADCMP563 Datasheet HTML 4Page - Analog Devices ADCMP563 Datasheet HTML 5Page - Analog Devices ADCMP563 Datasheet HTML 6Page - Analog Devices ADCMP563 Datasheet HTML 7Page - Analog Devices ADCMP563 Datasheet HTML 8Page - Analog Devices ADCMP563 Datasheet HTML 9Page - Analog Devices ADCMP563 Datasheet HTML 10Page - Analog Devices ADCMP563 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP563/ADCMP564
Rev. A | Page 7 of 16
Pin No.
ADCMP563
ADCMP564
Mnemonic
Function
13
16
LEB
One of two complementary inputs for Channel B Latch Enable. In compare mode (logic high),
the output tracks changes at the input of the comparator. In latch mode (logic low), the output
reflects the input state just prior to the comparator being placed in the latch mode. LEB must
be driven in conjunction with LEB. If left unconnected, the comparator defaults to compare
mode.
14
17
GND
Analog Ground.
15
18
QB
One of two complementary outputs for Channel B. QB is logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEB for more information.
16
19
QB
One of two complementary outputs for Channel B. QB is logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the
comparator is in compare mode). See the description of Pin LEB for more information.
20
GND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16