| データシートサーチシステム |
|
27CP-R-PC-CF データシート(PDF) 3 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
27CP-R-PC-CF データシート(HTML) 3 Page - DDK Ltd. |
|
3 / 5 page ![]() Unit:mm http://www.ddknet.co.jp 27CP Series 3 ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Right Angle Receptacle Jack Part Number Finish Outer Conductor Center Conductor 27CP-R-PC-CF Ni Au ○ Receptacle Jack Part Number Finish Outer Conductor Center Conductor 27CP-LR-PC-CF Ni Au □0.8 5.08 8.0 10.4 7.5 1.27 5.08 0.1 2.54 0.05 □8 5.08 15.5 5.08 0.1 2.54 0.05 1.2 φ8.4 1.2 φ8.4 L 9.5 6.5 φA L2 7.9 16.5 9.5 10.7 14.8 0.5 5-φ1.3 +0.1 0 5-φ1.3 +0.1 0 □0.8 □0.8 5.08 8.0 10.4 7.5 1.27 5.08 0.1 2.54 0.05 □8 5.08 15.5 5.08 0.1 2.54 0.05 1.2 φ8.4 1.2 φ8.4 L 9.5 6.5 φA L2 7.9 16.5 9.5 10.7 14.8 0.5 5-φ1.3 +0.1 0 5-φ1.3 +0.1 0 □0.8 □0.8 5.08 8.0 10.4 7.5 1.27 5.08 0.1 2.54 0.05 □8 5.08 15.5 5.08 0.1 2.54 0.05 1.2 φ8.4 1.2 φ8.4 L 9.5 6.5 φA L2 7.9 16.5 9.5 10.7 14.8 0.5 5-φ1.3 +0.1 0 5-φ1.3 +0.1 0 □0.8 Panel Mounting Dimensions Panel Mounting Dimensions |