データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EC3202S データシート(PDF) 4 Page - E-CMOS Corporation

部品番号 EC3202S
部品情報  2A, 1.5MHz, Synchronous Step Down DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-CMOS [E-CMOS Corporation]
ホームページ  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3202S データシート(HTML) 4 Page - E-CMOS Corporation

  EC3202S Datasheet HTML 1Page - E-CMOS Corporation EC3202S Datasheet HTML 2Page - E-CMOS Corporation EC3202S Datasheet HTML 3Page - E-CMOS Corporation EC3202S Datasheet HTML 4Page - E-CMOS Corporation EC3202S Datasheet HTML 5Page - E-CMOS Corporation EC3202S Datasheet HTML 6Page - E-CMOS Corporation EC3202S Datasheet HTML 7Page - E-CMOS Corporation EC3202S Datasheet HTML 8Page - E-CMOS Corporation EC3202S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EC3202S
2A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
4/9
Electrical Characteristics
(Vin = 5V, Vout= 1.8V, L = 2.2uH, Cout = 10uF, TA = 25°C, unless otherwise specified)
PARAMETER
Symbol
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vin
2.5
5.5
V
Output Voltage Line Regulation
∆Vout
Vin = 2.5V to 5.5V
−3
3
%V
Output Voltage Load Regulation
VLR
−3
3
%
Reference Voltage
VREF
For adjustable Vout
0.588
0.6
0.612
V
Output Range (Adjustable Voltage)
Vout
Vin = 2.5V to 5.5V
−3
+3
%
Shutdown Current
IS
VEN = 0V
0.1
1
µA
Quiescent Current
IQ
VEN = Vin,
VFB = VREF × 1.1
No Switching
100
µA
SW Leakage Current
ILEAK
VEN = 0V,
VSW = 0V or Vin
−1
1
µA
PMOSFET On Resistance*
RDSONP
ISW = 100mA
110
NMOSFET On Resistance*
RDSONN
ISW = −100mA
95
PMOSFET Current Limit*
ILIM
Duty cycle = 100%
Current Pulse Width <
1ms
3
A
Oscillator Frequency
FOSC
1.2
1.5
1.8
MHz
Thermal Shutdown Threshold*
TS
160
°C
EN High Level Input Voltage
VENH
−40°C ≤ TA ≤ 85°C
1.5
V
EN Low Level Input Voltage
VENL
−40°C ≤ TA ≤ 85°C
0.4
V
EN Input Current
IEN
VEN = 0V to Vin
−1
1
µA
* Guaranteed by design not for test.
Note 1: Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2: θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test
board of JEDEC 51-3 thermal measurement standard. Pin 2 of TSOT23-5 packages is the case position for θJC measurement.
Measured at the exposed pad of the package.
Note 3: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com