データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CM03A-R5P-S データシート(PDF) 2 Page - DDK Ltd.

部品番号 CM03A-R5P-S
部品情報  DeviceNet Mini-Style Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DDK [DDK Ltd.]
ホームページ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03A-R5P-S データシート(HTML) 2 Page - DDK Ltd.

  CM03A-R5P-S Datasheet HTML 1Page - DDK Ltd. CM03A-R5P-S Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
http://www.ddknet.co.jp
CM03A Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Receptacle With Pin Contacts
○Plug Receptacle With Socket Contacts
No. of Contacts
Lock Nut
Panel Gasket
P/N
With
Non
CM03A-R4P-S
Non
Non
CM03A-R4P-S-0
With
With
CM03A-R4P-S-1
With
Non
CM03A-R5P-S
Non
Non
CM03A-R5P-S-0
With
With
CM03A-R5P-S-1
1
2 3
4
1
2
3
4
1
2
3
4
5
1
2
3
4
5
25.4
7
8 -16UN-2B
1/2-14NPT
34.7
12
5
3.3 Min.
Filled with Epoxy Resin
5.6
1.6
Lock Nut
Gasket
φ21.2
+0.10
Mounting Hole
No.5
No.4
No.1
No.2
No.3
φ21.2
+0.10
Mounting Hole
12
25.4
3.3Min.
1/2-14NPT
25.4
Filled with Epoxy Resin
5.6
3.9
1.6
Lock Nut
Gasket
7
8 -16UN-2A
No.5
No.4
No.1
No.2
No.3
No. of Contacts
Lock Nut
Panel Gasket
P/N
With
Non
CM03A-PR4S-S
Non
Non
CM03A-PR4S-S-0
With
With
CM03A-PR4S-S-1
With
Non
CM03A-PR5S-S
Non
Non
CM03A-PR5S-S-0
With
With
CM03A-PR5S-S-1
4 Contacts
5 Contacts
4 Contacts
5 Contacts
※ Terminal number No 1, No 5 isn't shown to a connector.
※ Terminal number No1, No5 isn't shown to a connector.



Html Pages

1 2