データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS412TP データシート(PDF) 19 Page - Microchip Technology

部品番号 HCS412TP
部品情報  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TP データシート(HTML) 19 Page - Microchip Technology

Back Button HCS412TP Datasheet HTML 15Page - Microchip Technology HCS412TP Datasheet HTML 16Page - Microchip Technology HCS412TP Datasheet HTML 17Page - Microchip Technology HCS412TP Datasheet HTML 18Page - Microchip Technology HCS412TP Datasheet HTML 19Page - Microchip Technology HCS412TP Datasheet HTML 20Page - Microchip Technology HCS412TP Datasheet HTML 21Page - Microchip Technology HCS412TP Datasheet HTML 22Page - Microchip Technology HCS412TP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 19
HCS412
FIGURE 4-1:
FIELD ACKNOWLEDGE SEQUENCE
FIGURE 4-2:
LC PIN PULSE POSITION MODULATION (PPM)
3LFTE
TPU
3LFTE
3LFTE
2LFTE
Command
TATO
Communication from reader to HCS412
Filed ACK Sequence from HCS412 to reader
8LFTE
Inductive
Comms
RF
Comms
8LFTE
(DATA)
(LC)
RF
Comms
(DATA)
Field Ack sequence repeats every 255 LFTE if no command is received.
255LFTE
255LFTE
(LC)
Inductive
Comms
0
1
0
1
Start or
previous
bit
Transponder reader communication to the HCS412
HCS412 response back to the reader
2 LFTE
2 LFTE
4 LFTE
2 LFTE
2 LFTE LFTE
LFTE
LFTE
Start or
previous
bit
Extending the high time
is acceptable but the low
time should minimally
be 1 LFTE.
TBITC
TBITC
TBITR
TBITR
The HCS412 determines
bit values from rising edge
to rising edge times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44