| データシートサーチシステム |
|
HCS412TSN データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS412TSN データシート(HTML) 39 Page - Microchip Technology |
|
39 / 44 page ![]() © 2002 Microchip Technology Inc. Preliminary DS41099C-page 39 HCS412 9.1 Package Marking Information Legend: MM...M Microchip part number information XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code and traceability code. For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For SQTP devices, any special marking adders are included in SQTP price. XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example HCS412 XXXXX862 9925 8-Lead SOIC (150 mil) XXXXXXXX Example NNN XXXXYYWW XXXXXXXX 862 XXXX9925 |