| データシートサーチシステム |
|
MB3U データシート(PDF) 13 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
MB3U データシート(HTML) 13 Page - IC-Haus GmbH |
|
13 / 16 page ![]() MB3U, MB3U-I2C BiSS, SSI, PC-USB ADAPTER Rev C3, Page 13/16 Hex Editor Button and Selector Button Description Area Select Reads in sensor data Read Register Transfers configuration updates from the selected slave ID Write Register Transfers configuration updates to the selected slave ID Save Reg. File Saves sensor data to PC file Load Reg. File Loads sensor data from PC file Fill Fills all registers in the selected area with selected content or symbol CRC Calculation Calculates the CRC of a dedicated area Figure 7: Register Access Screen (one tab each per slave ID) Possible Errors Main causes for errors: • Using more than one software. → Please make sure that only one software is accessing the BiSS adapter at the same time. • Insufficient power supply for all sensors attached. → The adapter will not respond if there is an overload due to the sensor(s) connected. → Please check wiring and use external or wall power supply. • Invalid transmission parameter settings. → Please check the sensor specific BiSS slave parameters, such as CRC polynomial etc. → Please check wiring and use external or wall power supply. • Invalid wiring → Please check wiring and use external or wall power supply. |