データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECT25S80 データシート(PDF) 12 Page - E-CMOS Corporation

部品番号 ECT25S80
部品情報  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-CMOS [E-CMOS Corporation]
ホームページ  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 データシート(HTML) 12 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 8Page - E-CMOS Corporation ECT25S80 Datasheet HTML 9Page - E-CMOS Corporation ECT25S80 Datasheet HTML 10Page - E-CMOS Corporation ECT25S80 Datasheet HTML 11Page - E-CMOS Corporation ECT25S80 Datasheet HTML 12Page - E-CMOS Corporation ECT25S80 Datasheet HTML 13Page - E-CMOS Corporation ECT25S80 Datasheet HTML 14Page - E-CMOS Corporation ECT25S80 Datasheet HTML 15Page - E-CMOS Corporation ECT25S80 Datasheet HTML 16Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 12 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Device Identification
Three legacy Instructions are supported to access device identification that can indicate the manufacturer,
device type, and capacity (density). The returned data bytes provide the information as shown in the below
table.
Table 8. ECT25S80 ID Definition table
Instructions Description
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
E0
40
14
90H
E0
13
ABH
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45