| データシートサーチシステム |
|
ECT25S40LP1CR データシート(PDF) 25 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S40LP1CR データシート(HTML) 25 Page - E-CMOS Corporation |
|
25 / 46 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 25 of 46 4L08N-Rev.F001 ECT25S40 4M BIT SPI NOR FLASH Figure 19. Set Burst with Wrap Command Sequence ID and Security Instructions Read Manufacture ID/ Device ID (90H) See Figure 20, the Read Manufacturer/Device ID instruction is an alternative to the Release From Power-Down/Device ID instruction that provides both the JEDEC assigned Manufacturer ID and the specific Device ID. The instruction is initiated by driving the /CS pin low and shifting the instruction code “90H” followed by a 24-bit address (A23-A0) of 000000H. If the 24-bit address is initially set to 000001H, the Device ID will be read first. Figure 20. Read Manufacture ID/ Device ID Sequence Diagram |